PART |
Description |
Maker |
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
VP6014RZ-HF |
IEEE 802.3at/ANSI X3.263 compliant performance.
|
Bothhand USA, LP.
|
ISL38601C-CD ISL38601C-EVAL |
PTSE 8C 8#20 STR PLUG ISL38601C PRISM GTCardbus32 IEEE 802.11g, 802.11b WLAN NIC ISL38601C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38601C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
MAX5969BETB MAX5969A MAX5969AETB MAX5969B |
IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
|
Maxim Integrated Products
|
SI3402-C |
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
|
Silicon Laboratories
|
PM8800ATR PM8800A08 PM8800A |
Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
|
ST Microelectronics STMicroelectronics
|
FCS-3061 |
Megapixel (1280 x 720) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
GEP-0521 |
IEEE 802.3af/at PoE compliant to simplify deployment and installation 10/100/1000Mbps wire speed transmission and reception
|
Level One
|
FCS-0031 |
Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
G1PM109N1-LF G1PM109N1LF |
Compliant with IEEE 802.3ab standard for 1000 BASE-T 2.5G/5G BASE?T SINGLE PORT
|
Bothhand USA, LP.
|
G2PM109RNH-LF |
Compliant with IEEE 802.3ab standard for 1000 BASE-T
|
Bothhand USA, LP.
|
G1PM109N-VLF G1PM109N-V-LF |
1000 BASE ?T MAGNETICS MODULES Compliant with IEEE 802.3ab standard for 1000 BASE-T
|
Bothhand USA, LP.
|